PART |
Description |
Maker |
FKS3PCM150.15/10/250VDCROLL18.5 FKS3PCM150.15/10/1 |
CAPACITOR, FILM/FOIL, POLYESTER, 250 V, 0.15 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.15 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.022 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.047 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 400 V, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 400 V, 0.0068 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.068 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 400 V, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 400 V, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 400 V, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, POLYESTER, 400 V, 0.022 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Electronic Theatre Controls, Inc. Stackpole Electronics, Inc.
|
QYX2A182JTP QYX1H184JTP QYX2A184JTP QYX1H183KTP QY |
Polyester Film Radial Lead Capacitor; Capacitance: 1800uF; Voltage: 100V; Case Size: 5.5x10.5 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.0018 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: .18uF; Voltage: 50V; Case Size: 10.5x12 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.18 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: .18uF; Voltage: 100V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.18 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 18000uF; Voltage: 50V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.018 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 12000uF; Voltage: 100V; Case Size: 6.5x11.5 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.012 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: .27; Voltage: 50V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.27 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 1800uF; Voltage: 50V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.0018 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
192P101X9200 192P102X9200 192P102X9400 192P102X960 |
Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead 聚酯薄膜/金属箔片电容袖,微型,轴向引
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
225P15391W 225P15291W 225P47291W 225P12491X 225P12 |
Type 225P, Orange Drop?, Polyester Film/Foil Capacitors Type 225P, Orange Drop?, Polyester Film/Foil Capacitors
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
B32237J2253M000 B32237B2103M000 B32237B6102M000 B3 |
Film Capacitors Metallized Polyester Film Capacitors (MKT) Metallized polyester film capacitors (MKT) High voltage (wound)
|
EPCOS http://
|
WMC08S22K-F WMC2S22K-F WMC4S22K-F WMC08D15K-F WMC2 |
Polyester Film/Foil Capacitors
|
Cornell Dubilier Electr... List of Unclassifed Manufacturers ETC Cornell Dubilier Electronics
|
1306EFRB |
Polyester (Mylar) and Foil Capacitors
|
Electronic Film Capacitors, Inc.
|
B32231D1335K000 B32231S7505K501 B32231S7505K500 B3 |
Film Capacitors Metallized Polyester Film Capacitors (MKT)
|
TDK Electronics
|
B32613A1103 B32614A3225 B32612614 B32613A4224 B326 |
Film Capacitors Metallized Polyester Film Capacitors (MKT)
|
EPCOS
|
B32231D3105000 B32231D8105000 B32231D6155000 B3223 |
Film Capacitors Metallized Polyester Film Capacitors (MKT)
|
EPCOS http://
|
|